Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-45
(3) Transfer mode register details
0
0
0
0
Mode
0
0
0
Z
Transfer destination address INC mode .................................... for I/O to memory
(DMADn
+)←(DMASn)
DMACn
←DMACn − 1
if DMACn
= 0 then INT.
16 states
(1.6
µs)
0
0
1
Z
Transfer destination address DEC mode ................................... for I/O to memory
(DMADn
−)←(DMASn)
DMACn
←DMACn − 1
if DMACn
= 0 then INT.
16 states
(1.6
µs)
0
1
0
Z
Transfer source address INC mode........................................... for memory to I/O
(DMADn)
←(DMASn+)
DMACn
←DMACn − 1
if DMACn
= 0 then INT.
16 states
(1.6
µs)
0
1
1
Z
Transfer source address DEC mode ......................................... for memory to I/O
(DMADn)
←(DMASn−)
DMACn
←DMACn − 1
if DMACn
= 0 then INT.
16 states
(1.6
µs)
1
0
0
Z
Fixed address mode.................................................................. I/O to I/O
(DMADn)
←(DMASn)
DMACn
←DMACn − 1
if DMACn
= 0 then INT.
16 states
(1.6
µs)
1
0
1
0
Read-only mode ........................................................................ for DRAM refresh
Dummy
←(DMASn)
; Reads 4 bytes.
DMASn
←DMASn + 4 ; Increments lower word only.
DMACn
←DMACn − 1
14 states
(1.4
µs)
1
0
1
1
Counter mode ........................................................................... for interrupt counter
DMASn
←DMASn + 1
DMACn
←DMACn − 1
if DMACn
= 0 then INT.
11 states
(1.1
µs)
Note 1: n: corresponds to micro DMA channels 0 to 3.
DMADn
+/DMASn+: Post-increment (Increments register value after transfer.)
DMADn
−/DMASn−: Post-decrement (Decrements register value after transfer.)
Note 2: Execution time: When setting source address/destination address area to 16-bit bus, 0 waits. Clock
condition: fc
= 20 MHz, clock gear: 1 (fc)
Note 3: Do not use any codes for transfer mode registers other than those indicated above.
Note: When setting values for this
register, set the upper 4 bits to 0.
Z: 0
= byte transfer, 1 = word transfer
Execution time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com