Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-23
3.3.2
Prescaler Clock Controller
The 9-bit prescaler provides a clock signal to the 8-bit timer 0 and timer 1, 16-bit timer 4
and timer 5, and serial interface 0 and serial interface 1. The 5-bit prescaler provides a
clock signal to the 8-bit PWM timer 0 and 1.
The clock input to the 5-bit prescaler is a clock signal which is selected as either fFPH,
fc/16, or fs according to the value in the SYSCR0<PRCK1:0> register, and divided by 2.
The clock input to the 9-bit prescaler is a clock signal which is selected as either fFPH,
fc/16, or fs according to the value in the SYSCR0<PRCK1:0> register, and divided by 4.
The <PRCK1:0> register is initialized to 00 by resetting.
When the IDLE1 mode (Operating only the oscillator) is being used, set TRUN<PRRUN>
to 0 to reduce the power consumption before a HALT instruction is executed.
3.3.3
Internal Clock Pin Output Function
(1) PA7/SCOUT pin
The PA7/SCOUT pin outputs the internal clock signals fFPH or fSYS.
One bit in the port A control register PACR<PA7C>, and two bits in the clock output
control register CKOCR<SCOEN and SCOSEL> specify the clock and the pins. The
PA7/SCOUT pin is assigned as the input port in resetting.
Table 3.3.3 shows states of the SCOUT pin in the alternative operation modes which
it can assume on condition that the PA7/SCOUT pin is specified as SCOUT output.
Table 3.3.3 SCOUT Pin States in Alternative Operation Modes
HALT Mode
Operation Mode
Output Clock
NORMAL, SLOW
RUN, IDLE2, IDLE1
STOP
fFPH
Outputs fFPH clock.
fSYS
Outputs fSYS clock.
Fixed to 0 or 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com