Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-90
(5) Address area specification
Control register bits 1 and 0 <B0C1:0, B1C1:0, and B2C1:0> are used to specify the
target address area. Setting these bits to 00 enables settings (e.g., CS output, wait
state, and bus size) as follows:
* The CS0 setting is enabled when the address space 7F00H to 7FFFH is accessed.
* The CS1 setting is enabled when the address space 880H to 7FFFH is accessed.
* The CS2 setting is enabled when the address space 8000H to 3FFFFFH is accessed
in the TMP93CS41, which does not have a built-in ROM.
The CS2 setting is enabled when the address space 18000H to 3FFFFFH is accessed
in the TMP93CS40, which has built-in ROM.
Setting these bits to 01 enables settings ( CS output, wait state...) for all CS’s blocks
and outputs a low strobe signal (from CS0 to CS2 , or from
0
CAS
to
2
CAS
) from the
chip select pins when the address space 400000H to 7FFFFFH is accessed. Setting
these bits to 10 enables the address space 800000H to BFFFFFH to be accessed.
Setting these bits to 11 enables the address space C00000H to FFFFFFH to be
accessed.
Table 3.6.1 Chip Select/Wait Control Register
Code
Name
Address
7
6
5
4
3
2
1
0
B0E
B0CAS
B0BUS
B0W1
B0W0
B0C1
B0C0
W
W
W
W
W
W
W
0
0
0
0
0
0
0
B0CS
Block0
CS/WAIT
control
register
0068H
1: Master bit
of bit0 to 6
0: CS0
1:
0
CAS
0: 16-bit
bus
1: 8-bit
bus
00: 2 waits
01: 1 wait
10: (1
+ n) waits
11: 0 waits
00: 7F00H to 7FFFH
01: 400000H to
10: 800000H to
11: C00000H to
B1E
B1CAS
B1BUS
B1W1
B1W0
B1C1
B1C0
W
W
W
W
W
W
W
0
0
0
0
0
0
0
B1CS
Block1
CS/WAIT
control
register
0069H
1: Master bit
of bit0 to 6
0: CS1
1:
1
CAS
0: 16-bit
bus
1: 8-bit
bus
00: 2 waits
01: 1 wait
10: (1
+ n) waits
11: 0 waits
00: 880H to 7FFFH
01: 400000H to
10: 800000H to
11: C00000H to
B2E
B2CAS
B2BUS
B2W1
B2W0
B2C1
B2C0
W
W
W
W
W
W
W
1
0
0
0
0
0
0
B2CS
Block2
CS/WAIT
control
register
006AH
1: Master bit
of bit0 to 6
0: CS2
1:
2
CAS
0: 16-bit
bus
1: 8-bit
bus
00: 2 waits
01: 1 wait
10: (1
+ n) waits
11: 0 waits
00: 8000H to
01: 400000H to
10: 800000H to
11: C00000H to
Note: Read-modify-write is prohibited for B0CS, B1CS, and B2CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com