Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-92
3.6.4
Chip Select Addresses Image
An image of the actual addresses which can be specified by chip select is shown below.
Out of the whole memory area, address areas that can be specified are divided into four
parts. Addresses from 000000H to 3FFFFFH are further divided as follows: 7F00H to
7FFFH is specified for CS0; 880H to 7FFFH, for CS1; and 8000H to 3FFFFFH, for CS2.
The reason is that a device other than ROM (e.g., RAM or I/O) might be connected
externally.
7F00 to 7FFFH (256 bytes) designated as CS0 are mapped mainly for possible
expansions to external I/O.
880H to 7FFFH (approx. 31 Kbytes) designated as CS1 are mapped mainly for possible
extensions to external RAM.
8000H to 3FFFFFH (approx. 4 Mbytes) designated as CS2 are mapped mainly for
possible extensions to external ROM. After resetting, CS2 is enabled in a 16-bit bus and
2-wait configuration. In the case of the TMP93CS41, which does not have a built-in ROM,
the program is externally read at address 8000H with these settings (16-bit bus, 2 waits).
With the TMP93CS40, which does have a built-in ROM, addresses from 8000H to 17FFFH
are used as the internal ROM area; CS2 is disabled in this area. After resetting, the CPU
reads the program from the built-in ROM in 16-bit bus, 0-wait mode.
Note 1:
Access priority is highest for built-in I/O, then built-in memory, and lowest for the chip
select/wait controller.
Note 2:
External areas other than CS0 to CS2 are accessed in 0 wait mode.
For the TMP93CS40, the data bus width is fixed at 16 bits. For the TMP93CS41, the
data bus width is 16 bits when AM8/ AM16 = 0, and 8 bits when AM8/ AM16 = 1.
When using the chip select/wait controller, do not specify the same address area
more than once. (However, when specifications overlap, only one of them will be
utilized. For example, when addresses 7F00H to 7FFFH for CS0 are specified at the
same time as 880H to 7FFFH for CS1, only the CS0 setting and pin will be active.)
Note 3:
When the bus is released ( BUSAK = “0”), the CS0 to CS2 pins are also released
(the output buffer is OFF). For further information about the state of pins, refer to the
note about the bus release in section 3.5 “Functions of Ports”.
000000H
7F00H
8000H
400000H
800000H
C00000H
FFFFFFH
CS0
B0C1, 0
= “01”
B0C1, 0
= “10”
B0C1, 0
= “11”
(Mainly for I/O)
B0C1, 0
= “00”
CS1
B1C1, 0
= “01”
B1C1, 0
= “10”
B1C1, 0
= “11”
(Mainly for RAM)
B1C1, 0
= “00”
CS2
B2C1, 0
= “01”
B2C1, 0
= “10”
B2C1, 0
= “11”
(Mainly for ROM)
B2C1, 0
= “00”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com