Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-14
3.3
Dual Clock, Standby Function
Dual clock, standby control circuits are comprised of a system clock controller, prescaler clock
controller, internal clock pin output function and standby controller.
The oscillator operating modes are classified as either (a) Single clock mode (using only the
X1 and X2 pins), or (b) Dual clock mode (using the X1, X2, XT1, and XT2 pins).
Figure 3.3.1 shows state diagrams for the two clock modes. Figure 3.3.2 shows the
corresponding block diagram, Figure 3.3.3 displays functions of the I/O registers and Table
3.3.1 lists correspondences between alternative states of the system clock and those of the CPU,
oscillator and internal I/O components.
(a) Single Clock Mode State Diagram
(b) Dual Clock Mode State Diagram
Figure 3.3.1 State Diagrams
The clock frequency input from the X1 and X2 pins is called fc, and the clock frequency input
from the XT1 and XT2 pins is called fs. The clock frequency selected by SYSCR1<SYSCK> and
<GEAR2:0> is called the system clock fFPH. The divided clock of fFPH is defined as the system
clock fSYS, and one cycle of fSYS is defined as one state.
RUN mode
(Stops only CPU)
IDLE2 mode
(Stops CPU and AD)
IDLE1 mode
(Operates only oscillator)
STOP mode
(Stops all circuits)
RESET
NORMAL mode
(fc/gear value/2)
Instruction
Interrupt
Instruction
Interrupt
Instruction
Interrupt
Instruction
Interrupt
Release reset
RUN mode
(Stops only CPU)
IDLE2 mode
(Stops CPU and AD)
IDLE 1 mode
(Operates only oscillator)
STOP mode
(Stops all circuits)
RESET
NORMAL mode
(fc/gear value/2)
Instruction
Interrupt
Instruction
Interrupt
Instruction
Interrupt
Release reset
RUN mode
(Stops only CPU)
IDLE 2 mode
(Stops CPU and AD)
IDLE 1 mode
(Operates only oscillator)
SLOW mode
(fs/2)
Instruction
Interrupt
Instruction
Interrupt
Instruction
Interrupt
Instruction
Instruction
Interrupt
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com