Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-31
How to calculate the warm-up time
WDMOD<WARM>
= 0: Clock operation frequency after the 214/STOP mode
WDMOD<WARM>
= 1: Clock operation frequency after the 216/STOP mode
The selection of NORMAL versus SLOW modes is possible after the STOP mode is
released.
This selection is mode according to the contents of the SYSCR0<RSYSCK> register.
Therefore, setting <RSYSCK>, <RXEN>, and <RXTEN> is necessary before the HALT
instruction is executed.
Setting example:
In this illustrative case, the STOP mode is entered while the clock is operating at low
frequency (fs). After the STOP mode is released by a NMI interrupt, the clock resumes
operation at high frequency.
Address
SYSCR0
EQU
006EH
SYSCR1
EQU
006FH
WDMOD
EQU
005CH
8FFDH
LD
(SYSCR1), 08H
; fSYS = fs/2.
9000H
RES
4,(WDMOD)
; Sets warm-up time to 2
14/fc.
9002H
LD
(SYSCR0),
−11000 − − B
; Operates at high frequency after STOP mode
is released.
9005H
HALT
NMI
Clears and starts
warm-up timer
(High frequency)
End
NMI
interrupt routine
9006H
LD
XX, XX
RETI
Note: When different operation modes are used before and after the STOP mode, and halt release
interrupt request is accepted during execution of the HALT instruction (8 states), it is possible to
release the HALT mode without changing the operation mode. In a system which accepts
interrupts during execution of the HALT instruction, set the same operation mode before and after
the STOP mode.
−: No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com