Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-61
3.5.3
Port 2 (P20 to P27)
Port 2 is an 8-bit general-purpose I/O port. I/O can be set on a bit basis using the control
register P2CR and function register P2FC. Resetting resets all bits of output latch P2,
control register P2CR and function register P2FC to “0”. It also sets port 2 to input mode
and connects a pull-down resistor.
In addition to functioning as a general-purpose I/O port, port 2 also functions as an
address bus (A0 to A7) or (A16 to A23). To use port 2 as an address bus, write 1 to the
output latches to turn off the programmable pull-down resistors.
Figure 3.5.5 Port 2
Port 2
P20 to P27
(A0 to A7 or A16 to A23)
Direction control
(on bit basis)
Reset
P2CR write
Output
latch
P2 write
Output buffer
P2 read
Selector
A
B
S
Function control
(on bit basis)
P2FC write
Selector
A
B
S
Selector
A
B
S
A16 to A23
A0 to A7
N-ch
Programmable
pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com