Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-84
3.5.11
Port A (PA0 to PA7)
Port A is an 8-bit general-purpose I/O port. I/Os can be set on a bit basis by control
register PACR.
Resetting sets port A to an input port by resetting PACR.
It also sets all bits of the output latch register to “1”.
In addition to functioning as a general-purpose I/O port (Only PA7), PA7 can also
function as an internal clock output pin.
The output clock is fFPH or fSYS that is selected as oscillator output clock. It is selected by
CKOCR<SCOSEL>.
The SCOUT function is enabled by setting PACR<PA7C> and CKOCR<SCOEN>.
Figure 3.5.27 Port A0 to A6
Reset
S
Output
latch
PA0 to PA6
PA write
PA read
R
Direction control
(on bit basis)
PACR write
Selector
A
B
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com