Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 38Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 40Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 41Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 42Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-39
Setting to reset and interrupt vectors
1. Reset vector
8000H
PC<7:0>
8001H
PC<15:8>
8002H
PC<23:16>
8003H
XX
The vector base addresses are dependent on the products.
Type No.
Vector Base Address PC Setting Sequence after Reset
Notes
TMP93CS40/CS41
TMP93CM40
TMP93PS40
TMP93CW40/CW41
TMP93PW40
008000H
PC (7:0)
PC (15:8)
PC (23:16)
← Data in location 8000H
← Data in location 8001H
← Data in location 8002H
P27 to P20 and A23 to A16 pins are
defined as input ports and are pulled
down in resetting. The logic data item
is 00H. When port 2 is used for the
A23 to A16 pins to access the
program ROM, set PC (23 to 16) to
00H and set the reset vector to lie
within the area 0000H to FFFFH. (This
is
applicable
mainly
to
products
without ROM.)
2. Interrupt vector (except reset vector)
Address refers to vector
+0
PC<7:0>
+1
PC<15:8>
+2
PC<23:16>
+3
XX
XX: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com