Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-27
When releasing the HALT mode by resetting, the internal RAM data keeps the state
before the “HALT” instruction is executed. However the other setting contents are
initialized (Releasing due to interrupts keep the state before the “HALT” instruction is
executed.)
When the HALT mode is released by resetting, the internal RAM data maintains the
state it was in before the HALT instruction was executed.
However the other setting contents are initialized. (Release of the HALT mode due to
interrupts maintains all setting contents in their states before the HALT instruction
was executed.)
Table 3.3.6 Halt Release Sources and Halt Release Operations
Interrupt Enabled
Interrupt Disabled
Interrupt Receiving Status
(Interrupt level) ≥ (Interrupt mask)
(Interrupt level) < (Interrupt mask)
HALT Mode
RUN
IDLE2 IDLE1 STOP
RUN
IDLE2 IDLE1 STOP
NMI
♦
♦
♦
♦
−
−
−
−
INTWDT
♦
×
×
×
−
−
−
−
INT0
♦
♦
♦
♦
○
○
○
○
INT4 to INT7
♦
♦
×
×
×
×
×
×
INTT0 to INTT3
♦
♦
×
×
×
×
×
×
INTTR4 to INTTR7
♦
♦
×
×
×
×
×
×
INTRX0, TX0
♦
♦
×
×
×
×
×
×
INTRX1, TX1
♦
♦
×
×
×
×
×
×
Interrupt
INTAD
♦
×
×
×
×
×
×
×
Halt release
source
RESET
♦
♦
♦
♦
♦
♦
♦
♦
♦: After release of the HALT mode, the CPU starts interrupt processing. (RESET initializes LSI.)
○: After release of the HALT mode, the CPU starts executing the next instruction that follows the HALT instruction.
×: Cannot be used to release the HALT mode.
−: This combination type does not exist because the priority level (Interrupt request level) of non-maskable interrupts is fixed to the
highest priority level 7.
*1: Release the HALT mode is executed after the warm-up cycle is completed.
Note: When release of the HALT mode is executed by an INT0 interrupt of the level mode in the interrupt enabled status, maintain
level H until the start of interrupt processing. If level L is set before the start of interrupt processing, interrupt processing is
correctly started.
Example of releasing the RUN mode:
An INT0 interrupt releases the halt state when the RUN mode is on.
Address
8203H
LD
(IIMC), 00H
; Select interrupt rising edge.
8206H
LD
(INTE0AD), 06H
; Sets interrupt level to 6 for INT0.
8209H
EI
5
; Sets interrupt level to 5 for CPU.
820BH
LD
(WDMOD), 00H
; Sets HALT mode to run.
820EH
HALT
; Halts CPU.
820FH
LD
XX, XX
RETI
*1
*1
*1
INT0 interrupt routine
INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com