Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMP93CS40 Datasheet HTML 1Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-2
(6) 8-bit PWM timer: 2 channels
(7) 16-bit timer: 2 channels
(8) 4-bit pattern generator: 2 channels
(9) Serial interface: 2 channels
(10) 10-bit AD converter: 8 channels
(11) Watchdog timer
(12) Chip select/wait controller: 3 blocks
(13) Interrupt functions: 29
•
9 CPU interrupts .... SWI instruction, and illegal instruction
•
14 internal interrupts
•
6 external interrupts
(14) I/O ports
79 pins for TMP93CS40 and 61 pins for TMP93CS41
(15) Standby function: 4 HALT modes (RUN, IDLE2, IDLE1, STOP)
(16) Clock gear function
•
Dual clock operation
•
Clock gear: High-frequency clock can be varied from fc to fc/16.
(17) Wide operating voltage
•
Vcc
= 2.7 to 5.5 V
(18) Package
Type No.
Package
TMP93CS40F
TMP93CS41F
P-QFP100-1414-0.50
TMP93CS40DF
TMP93CS41DF
P-LQFP100-1414-0.50F
7-level priority can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com