Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-25
3.3.4
Standby Controller
(1) HALT mode
When the HALT instruction is executed, the operating mode changes to RUN, IDLE2,
IDLE1 or STOP mode depending on the contents of the HALT mode setting register
WDMOD<HALTM1:0>. Figure 3.3.5 shows the alternative states of the watchdog
timer mode registers.
Watchdog Timer Mode Register
7
6
5
4
3
2
1
0
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
Watchdog
timer control
0: Disable
1: Enable
Watchdog timer detect
time selection
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
Warm-up
timer
0: 2
14/clock
frequency
selection
1: 2
16/clock
frequency
selection
HALT mode selection
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
Runaway
detection
internal
reset control
1: Executes
internal
reset by
runaway
detection
STOP mode
pin control
1: Drive pins
in STOP
mode
Figure 3.3.5 Watchdog Timer Mode Register
The features of the RUN, IDLE2, IDLE1, and STOP modes are as follows.
1. RUN: Only the CPU HALTs.
2. IDLE2: The built-in oscillator and the specified I/O operates.
3. IDLE1: Only the built-in oscillator operates, while all other built-in circuits stop.
4. STOP: All internal circuits including the built-in oscillator stop. This greatly reduces
power consumption.
The operations in the halt state are described in Table 3.3.5.
Pin state control in STOP mode
WDMOD
(005CH)
0
I/O off
1
Retains the state before HALT
00 RUN mode (only CPU stops)
01 STOP mode (all circuits stop)
10 IDLE1 mode (only oscillator operating)
11 IDLE2 mode (partial I/O operation)
HALT mode setting
02
14/select clock frequency
12
16/select clock frequency
Warm-up time selection at returning from the
STOP mode (see table 3.3.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com