Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-9
3.
Operation
This section describes in blocks the functions and basic operations of TMP93CS40 and
TMP93CS41 devices. Please also refer to section 7. Precautions in use, which describes some
points requiring careful attention.
3.1
CPU
TMP93CS40 and TMP93CS41 devices have a built-in high-performance 16-bit CPU (900/L
CPU). (For basics of the CPU operation, see the information on the TLCS-900/L CPU in the
previous chapter.)
This section describes some CPU functions unique to the TMP93CS40 and TMP93CS41, that
are not described in the previous chapter, entitled TLCS-900/L CPU.
3.1.1
Reset
When resetting the TMP93CS40 and TMP93CS41 microcontroller, ensure that the power
supply voltage is within the operating voltage range, and that the internal high-frequency
oscillator has stabilized. Then set the RESET input to low level at least for 10 system
clocks (16
µs at 20 MHz). Thus, when turn on the switch, be set to the power supply voltage
is within the operating voltage range, and that the internal high-frequency oscillator has
stabilized. Then hold the RESET input to low level at least for 10 system clocks.
Clock gear is initialized 1/16 mode by reset operation. It means that the system clock
mode fSYS is set to fc/32 (= fc/16 × 1/2).
When a reset signal is accepted, the CPU sets itself as follows:
•
The program counter (PC) is set according to the reset vector that is stored from 8000H
to 8002H.
PC<7:0>
← Data in location 8000H
PC<15:8>
← Data in location 8001H
PC<23:16>
← Data in location 8002H
•
The stack pointer (XSP) for system mode is set to 100H.
•
The <IFF2:0> bits of the status register SR are set to 111. (Sets mask register to
interrupt level 7.)
•
The <MAX> bit of SR is set to 1. (Sets to maximum mode. See previous chapter.)
•
The <RFP2:0> bits of SR are set to 000. (Clears register banks to 0.)
When the reset is released, instruction execution starts from PC (The reset vector). The
reset makes no changes in any CPU internal registers other than those specifically
mentioned above.
When a reset is received, signal and data processing for built-in I/Os, ports, and other
pins is affected as follows:
•
Initializes built-in I/O registers as per specifications.
•
Sets port pins (including pins also used as built-in I/Os) to general-purpose
input/output port mode.
•
Sets the WDTOUT pin to 0. (The watchdog timer is set to enable after reset.)
•
Pulls up the CLK pin to 1.
•
Sets the ALE pin to 0 in the case of the TMP93CS41, and to high impedance (High-Z) in
the case of TMP93CS40.
Note 1: Resetting makes no change in any register in the CPU except the program counter (PC),
status register (SR) and stack pointer (XSP), nor in the data in the internal RAM.
Note 2: The CLK pin is pulled up during reset. When the voltage is externally reduced, there is a
possibility of causing malfunctions.
Figure 3.1.1 and Figure 3.1.2 show the reset timing chart of the TMP93CS41 and
TMP93CS40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com