Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-56
Resetting makes the port pins listed below function as general-purpose I/O ports.
I/O pins programmable for input or output are then set to function as input ports, except for
P96/XT1 and P97/XT2.
A program is needed to set port pins for built-in functions.
Because the TMP93CS41 needs external ROMs, some ports are permanently assigned for
memory interfacing.
• P00 to P07 → AD0 to AD7
• P30 →
• P10 to P17 → AD8 to AD15 (or A8 to A15)
• P31 →
*
Note about the bus release and programmable pull-up/pull-down I/O ports.
When the bus is released ( BUSAK
= “0”), the output buffers of AD0 to AD15 and A0 to A23, as
well as the control signals ( RD , WR , HWR ,
W
/
R
, RAS , CS0 /
0
CAS
to CS2 /
2
CAS
) are all set to
OFF and they go into a high-impedance state.
However, the states of the built-in programmable pull-up/pull-down resistors are retained
when the bus is released. These programmable pull-up/pull-down resistors can be switched ON
or OFF by programming when they are used as input ports.
When they are used as output ports, they cannot be switched by programming.
Table 3.5.4 shows the pin states when the bus is released ( BUSAK
= “0”)
Table 3.5.4 Pin States (when the bus is released)
Pin States (when the bus is released)
Pin Name
Used as a Port
Used for a Function
P00 to P07
(AD0 to AD7)
P10 to P17
(AD8 to AD15/A8 to A15)
The state is not changed.
(does not go to high-impedance (High-Z).)
Goes to high-impedance (High-Z).
P30 ( RD )
P31 ( WR )
Goes to high-impedance (High-Z).
Goes to high-impedance (High-Z).
P32 ( HWR )
P37 ( RAS )
The output buffer is OFF.
The programmable pull-up resistor is ON only
in the case that the output latch is equal to
“1”.
The output buffer is OFF.
The programmable pull-up resistor is ON
irrespective of the output latch.
P36 (
W
R/
)
P40 ( CS0 /
0
CAS
)
P41 ( CS1 /
1
CAS
)
The output buffer is OFF.
The programmable pull-up resistor is ON only
in the case that the output latch is equal to
“1”.
The output buffer is OFF.
The state of the programmable pull-up
resistor is retained when the bus is released.
P42 ( CS2 /
2
CAS
)
The output buffer is OFF.
The programmable pull-down resistor is ON
only in the case that the output latch is equal
to “0”.
The output buffer is OFF.
The state of the programmable pull-down
resistor is retained when the bus is released.
P20 to P27 (A16 to A23)
The state is not changed.
(does not go to high-impedance (High-Z).)
The output buffer is OFF.
The programmable pull-down resistor is ON
only in the case that the output latch is equal
to “0”.
RD
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com