Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-54
Table 3.5.2 I/O Registers and Specifications (1/2)
I/O Register
Port No.
Pin No.
Function
Pn
PnCR
PnFC
Input port (Note 1)
×
0
Output port (Note 1)
×
1
Port 0
P00 to P07
AD0 to AD7 bus
×
×
None
Input port (Note 1)
×
0
0
Output port (Note 1)
×
1
0
AD8 to AD15 bus (Note 2)
×
0
1
Port 1
P10 to P17
A8 to A15 output (Note 2)
×
1
1
Input port (without PD)
1
0
0
Input port (with PD)
0
0
0
Output port
×
1
0
A0 to A7 output (Note 1)
1
0
1
Port 2
P20 to P27
A16 to A23 output
1
1
1
Output port (Note 1)
×
0
Outputs RD only when accessing external space
1
1
P30
Always outputs RD
0
None
1
Output port (Note 1)
×
0
P31
Outputs WR only when accessing external space
×
None
1
Input port (without PU)
0
0
0
Input port (with PU)
1
0
0
P32 to P37
Output port
×
1
0
P32
HWR
output
×
1
1
WAIT
input (without PU)
0
0
P33
WAIT
input (with PU)
1
0
None
BUSRQ
input (without PU)
0
0
1
P34
BUSRQ
input (with PU)
1
0
1
P35
BUSAK
output
×
1
1
P36
W
R/
output
×
1
1
Port 3
P37
RAS
output
×
1
1
Input port (without PU)
0
0
0
Input port (with PU)
1
0
0
P40 to P41
Output port
×
1
0
Input port (without PD)
1
0
0
Input port (with PD)
0
0
0
P42
Output port
×
1
0
P40
CS0
output (Note 3)
×
1
1
P41
CS1
output (Note 3)
×
1
1
Port 4
P42
CS2
output (Note 3)
×
1
1
Input port
×
Port 5
P50 to P57
AN0 to AN7 input (Note 4)
×
None
Input port (without PU)
0
0
0
Input port (with PU)
1
0
0
Output port
×
1
0
Port 6
P60 to P67
PGn output
×
1
1
×: Don’t care
Note 1: In the case of the TMP93CS41F, this function is not available.
Note 2: In the case of the TMP93CS41F, this function is fixed by AM8/ AM16 pin.
Note 3: CS/WAIT control register BnCH<BnCAS> selects the wave form output from P40 to P42 pins, CS0 to CS2 or
0
CAS
to
2
CAS
.
Note 4: The channel for AD input is selected by ADMOD2<ADCHn> for P50 to P57 pins.
Note 5: PU
= pull-up resistor; PD = pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com