Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-83
Port 9 Register
7
6
5
4
3
2
1
0
P9
Bit symbol
P97
P96
P95
P94
P93
P92
P91
P90
(0019H)
Read/Write
R/W
After reset
Output mode
Input mode
Function
1
1
1
1
1
1
1
1
Port 9 Control Register
7
6
5
4
3
2
1
0
P9CR
Bit symbol
P97C
P96C
P95C
P94C
P93C
P92C
P91C
P90C
(001BH)
Read/Write
W
After reset
1
1
0
0
0
0
0
0
Function
0: Input
1: Output
Port 9 Function Register
7
6
5
4
3
2
1
0
P9FC
Bit symbol
P95F
P93F
P92F
P90F
(001DH)
Read/Write
W
W
W
W
After reset
0
0
0
0
Function
0: Port
1: SCLK1
0: Port
1: TXD1
0: Port
1: SCLK0
0: Port
1: TXD0
Figure 3.5.26 Registers for Port 9
Port 9 I/O setting
0
Input
1
Output
Note:
Port 96 and 97’s output buffer is an open-drain output type.
Note 1: Read-modify-write is prohibited for registers
P9CR and P9FC.
Note 2: When port P9 is used in the input mode, the P9
register controls the built-in pull-up resistor.
Read-modify-write is prohibited in the input
mode or the I/O mode, as it may affect the
states of the pull-up/pull-down resistors.
Note 3: When the TXD pin is set to be an open-drain
output type, set 1 to bit0 (for TXD0 pin) or bit1
(for TXD1 pin) of the ODE register.
The P91/RXD0 and P94/RXD1 pins do not
have a register changing them from port to
function. For example, when they are used as
an input port, the incoming signal is input to the
SIO as serial receiving data.
Note 4: Notes on using low-frequency oscillation circuit.
To connect a low-frequency resonator to ports 96 and 97,
it is necessary to set the following procedures to reduce the consumption of power.
(Connecting to a resonator)
Set P9CR<P96C, P97C>
= “11”, P9<P96:97> = “00”
(Connecting to an oscillator)
Set P9CR<P96C, P97C>
= “11”, P9<P96:97> = “10”
Note5: When ports 96 and 97 is used in the output mode, input gate in operation.
Set output to “L” or attach pull-up on pin to reduce the consumption of power, before the HALT instruction is
executed.
P9FC<P90F>
1
P9CR<P90C>
1
P9FC<P92F>
1
P9CR<P92C>
1
P90 TXD0 output setting (Note 3)
P92 SCLK0 output setting
P9FC<P93F>
1
P9CR<P93C>
1
P93 TXD1 output setting (Note 3)
P9FC<P95F>
1
P9CR<P95C>
1
P95 SCLK1 output setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com