Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-96
3.7
8-Bit Timers
The TMP93CS40 and S41 contain two 8-bit timers (Timers 0 and 1), each of which can be
operated independently. The cascade connection also allows these timers to be used together as
a 16-bit timer. The following four operating modes are supported for the 8-bit timers:
•
8-bit interval timer mode (2 timers)
•
16-bit interval timer mode (1 timer)
•
8-bit programmable square wave pulse generation (PPG: Variable duty with variable
cycle) output mode (1 timer)
•
8-bit pulse width modulation (PWM: Variable duty with constant cycle) output mode (1
timer)
Figure 3.7.1 shows the block diagram of the 8-bit timers (Timer 0 and timer 1).
Each timer consists of an 8-bit up counter, 8-bit comparator, and 8-bit timer register. Besides,
one timer flip-flop (TFF1) is provided for the pair consisting of timer 0 and timer 1.
Among the input clock sources for the timers, the internal clocks of
φT1, φT4, φT16, and φT256
are obtained from the 9-bit prescaler shown in Figure 3.7.2.
The operation modes and timer flip-flops of the 8-bit timers are controlled by the three control
registers TMOD, TFFCR, and TRUN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com