Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-46
<Example for usage of read-only mode (DRAM refresh)>
* Clock condition
System clock: fc
Clock gear:
1 (fc)
When the hardware configuration is as follows:
DRAM mapping size:
= 1 Mbyte
DRAM data bus size:
= 8 bits
DRAM mapping address range:
= 100000H to 1FFFFFH
Set the following registers first; refresh is performed automatically.
1. Register initial value setting
LD
XIX, 100000H
LDC
DMAS0, XIX
... Mapping start address
LD
A,
00001010B
LDC
DMAM0, A
... Read only mode (for DRAM refresh)
2. Timer setting
Set the timers so that interrupts are generated at intervals of 62.5
µs or less.
3. Interrupt controller setting
Set the timer interrupt mask higher than the mask for other interrupts. Write the
above timer interrupt vector value into the micro DMA start vector register, DMA0V.
(Operation description)
The DRAM data bus is an 8-bit bus and the micro DMA is in read-only mode (4 bytes),
so refresh is performed four times per interrupt.
When a 512-refresh per 8 ms DRAM is connected, DRAM refresh is performed
sufficiently if the micro DMA is started every 15.625
µs × 4 = 62.5 µs or less, since the
timing is 15.625
µs per refresh.
(Overhead)
Each processing time for read-only mode by the micro DMA is 1.8
µs (18 states) at 20
MHz with an 8-bit data bus.
In the above example, the micro DMA is started every 62.5
µs, and 1.8 µs ÷ 62.5 µs =
0.0288; thus, the overhead factor is 2.88%.
Note:
When the bus which must wait to accept the interrupt is released ( BUSAK
= “0”),
DRAM refresh is not performed because the micro DMA is generated by an
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com