Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-73
3.5.8
Port 7 (P70 to P73)
Port 7 is a 4-bit general-purpose I/O port. I/O can be set on a bit basis. Resetting sets port
7 as an input port and connects a pull-up resistor. In addition to functioning as a
general-purpose I/O port, port 70 also functions as an input clock pin TI0; port 71 as an
8-bit timer output (TO1), port 72 as a PWM0 output (TO2), and port 73 as a PWM1 output
(TO3) pin. Writing 1 in the corresponding bit of the port 7 function register (P7FC) enables
output of the timer. Resetting resets the function register P7CR, P7FC value to 0, and sets
all bits to input ports.
Figure 3.5.16 Port 7
Direction control
(on bit basis)
Reset
P7CR write
P71 to P73
(TO1 to TO3)
P7 write
P7 read
Selector
A
B
S
Function control
(on bit basis)
P7FC write
Selector
B
A
S
P-ch
Programmable
pull up
S
Output latch
Timer F/F out
TO1: Timer 1
TO2: Timer 2
TO3: Timer 3
Programmable
pull up
P-ch
Reset
S
Output latch
P7 write
P7 read
Direction control
(on bit basis)
P7CR write
Selector
A
B
S
TI0
P70
(TI0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com