Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-24
(2) CLK pin
The CLK pin outputs the internal clock signal fSYS divided by 2.
The type of output is determined by one bit in the clock output control register,
CKOCR<CLKEN>. Writing 1 sets the clock output, and writing “0” sets the CLK pin to
high impedance. CKOCR<CLKEN> is set to “0” upon resetting.
During resetting, the CLK pin is internally pulled up regardless of the value of the
<CLKEN> register.
Table 3.3.4 States of the <CLKEN> Register, and CLK Pin Operation after Reset
Type No.
CKOCR<CLKEN>
CLK Pin Operation
TMP93CS40
0
High impedance
TMP93CS41
1
fSYS/2 clock output
Note: To set CKOCR<CLKEN>
= “0” and set the CLK pin to high impedance, an external
pull-up resistor is needed to prevent current from flowing to the input buffer of the
CLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com