Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 100 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 100 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 104Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-98
1. Prescaler
There are 9-bit prescaler and prescaler clock selection registers to generate input clock
signals for the 8-bit timers 0 and 1, the 16-bit timers 4 and 5, and the serial interfaces 0 and
1.
Figure 3.7.2 shows the corresponding block diagram, and Table 3.7.1 shows prescaler
clock signal resolution into 8 and 16-bit timers.
Figure 3.7.2 Block Diagram of the Prescaler
Table 3.7.1 Prescaler Clock Resolution to 8 and 16-Bit Timers
at fc
= 20 MHz, fs = 32.768 kHz
Prescaler Clock Resolution
Select System
Clock
<SYSCK>
Select Prescaler
Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
φT256
1 (fs)
XXX
fs/2
3
(244
µs)
fs/2
5
(977
µs)
fs/2
7
(3.9 ms)
fs/2
11 (62.5 ms)
000 (fc)
fc/2
3
(0.4
µs)
fc/2
5
(1.6
µs)
fc/2
7
(6.4
µs)
fc/2
11 (102.4
µs)
001 (fc/2)
fc/2
4
(0.8
µs)
fc/2
6
(3.2
µs)
fc/2
8
(12.8
µs)
fc/2
12 (204.8
µs)
010 (fc/4)
fc/2
5
(1.6
µs)
fc/2
7
(6.4
µs)
fc/2
9
(25.6
µs)
fc/2
13 (409.6
µs)
011(fc/8)
fc/2
6
(3.2
µs)
fc/2
8
(12.8
µs)
fc/2
10
(51.2
µs)
fc/2
14 (0.82 ms)
0 (fc)
00
(fFPH)
100 (fc/16)
fc/2
7
(6.4
µs)
fc/2
9
(25.6
µs)
fc/2
11
(102.4
µs)
fc/2
15 (1.64 ms)
XXX
01
(Low-frequency clock)
XXX
fs/2
3
(244
µs)
fs/2
5
(977
µs)
fs/2
7
(3.9 ms)
fs/2
11 (62.5 ms)
XXX
10 (Note)
(fc/16 clock)
XXX
fc/2
7
(6.4
µs)
fc/2
9
(25.6
µs)
fc/2
11
(102.4
µs)
fc/2
15 (1.64 ms)
XXX: Don’t care
Note: The fc/16 clock cannot be used as a
prescaler clock when the fs is used as
a system clock.
16-bit timer
8-bit timer
XT1
X1
fs
÷4
÷2
÷16
÷8
fc
fc/2 fc/4 fc/8 fc/16
SYSCR1<GEAR2:0>
SYSCR1<SYSCK>
TRUN<PRRUN>
4
2
Run/stop
and clear
SYSCR0
<PRCK1:0>
fFPH
2
To CPU
2
System clock (fSYS)
To 5-bit prescaler
4
2
16
8
32 64 128 256 512
To 8-bit timers 0 and 1
φT1
φT4
φT16
φT256
9-bit prescaler
φT1
φT4
φT16
To 16-bit timers 4 and 5
φ1
φT0
φT2
φT8
φT32
To serial interfaces 0
and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com