Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 103 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 103 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 107Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-101
4. Comparator
A comparator compares the value in the up counter with the values to which the timer
register is set. When they match, the up counter is cleared to zero and an interrupt signal
(INTT0 and INTT1) is generated. If the timer flip-flop inversion is enabled, the timer
flip-flop is inverted at the same time.
5. Timer flip-flop
The timer flip-flop (TFF1) is a flip-flop inverted by the match detect signal (8-bit
comparator output).
Inverting is enabled or disabled by the timer flip-flop control register TFFCR<TFF1IE>.
After a reset operation, the value of TFF1 is undefined. Writing “01” or “10” to
TFFCR<TFF1C1:0> sets “0” or “1” to TFF1. Additionally, writing 00 to this bit inverts the
value of TFF1. (Software inversion.)
The value in TFF1 can be output to the TO1 pin (also used as P71). When using the TFF1
contents as the timer output, the timer flip-flop should be set by the port 7 function register
P7FC beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com