Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-100
3. Timer registers
These are 8-bit registers for setting a time interval. When the values of the timer
registers match the values of the corresponding up counters, the comparator match detect
signal becomes active. If the set value is 00H, this signal becomes active when the up
counter overflows.
Timer register TREG0 has a double buffer.
The timer flip-flop control register TFFCR<DBEN> bit controls whether the double
buffer structure should be enabled or disabled. It is disabled when <DBEN>
= “0” and
enabled when it is set to “1”.
In the double buffer enable state, the data set in the register buffer are transferred to the
timer register when the 2n
− 1 overflow occurs in PWM mode, or at the PPG cycle in PPG
mode. Therefore, during timer mode, the double buffer cannot be used.
Upon resetting, TFFCR will be initialized to <DBEN>
= “0”, disabling the double buffer.
To use the double buffer, write data in the timer register, set <DBEN> to “1”, and write the
following data in the register buffer.
Figure 3.7.3 Configuration of Timer Register 0
Note:
The timer register and the register buffer are allocated at the same memory address.
When <DBEN> = 0, the same value is written in the register buffer and in the timer
register, while when <DBEN> = 1 the value is written only into the register buffer.
The memory address of each timer register is as follows.
TREG0: 000022H
TREG1: 000023H
Both of these registers are write-only and cannot be read.
Up counter
Comparator (CP0)
Timer register 0 (TREG0)
Register buffer 0
Internal data bus
Write
Selector
TFFCR<DBEN>
Matching detection of PPG
cycle
2
n
− 1 overflow of PWM
TREG0 WR
Shift trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com