Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-69
Port 4 Register
7
6
5
4
3
2
1
0
P4
Bit symbol
P42
P41
P40
(000CH)
Read/Write
R/W
After reset
Input mode
Function
0 (Pull down)
1 (Pull up)
1 (Pull up)
Port 4 Control Register
7
6
5
4
3
2
1
0
P4CR
Bit symbol
P42C
P41C
P40C
(000EH)
Read/Write
W
After reset
0
0
0
Function
0: Input
1: Output
Port 4 Function Register
7
6
5
4
3
2
1
0
P4FC
Bit symbol
P42F
P41F
P40F
(0010H)
Read/Write
W
After reset
0
0
0
Function
0: Port
1: CS / CAS
Figure 3.5.11 Registers for Port 4
I/O setting
0
Input
1
Output
0
Port (P40)
1
CS0
/
0
CAS
0
Port (P41)
1
CS1
/
1
CAS
0
Port (P42)
1
CS2
/
2
CAS
Note 1: Read-modify-write is prohibited for registers P4CR and P4FC.
Note 2: When port P4 is used in the input mode, the P4 register controls the built-in
pull-up/pull-down resistor. Read-modify-write is prohibited in the input mode
or the I/O mode, as it may affect the states of the pull-up/pull-down resistors.
Note 3: To output chip select signal ( CS0 /
0
CAS
to CS2 /
2
CAS
), set the
corresponding bits of the control register P4CR and the function register
P4FC to “1”.
Chip select/wait controller (B0CS, B1CS, B2CS) registers select the function
of CS / CAS .
Note 4: P4<bit7:3> are always read as “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com