Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-63
3.5.4
Port 3 (P30 to P37)
Port 3 is an 8-bit general-purpose I/O port.
I/O can be set on a bit basis, but note that P30 and P31 are used for output only. I/O is set
using control register P3CR and function register P3FC. Resetting sets all bits of output
latch P3 to P1, and control register P3CR (bits 0 and 1 are unused) and function register
P3FC to 0. Resetting also outputs 1 from P30 and P31, sets P32 to P37 to input mode, and
connects a pull-up resistor.
In addition to functioning as a general-purpose I/O port, port 3 also functions as an I/O
for the CPU’s control/status signal.
When the P30 pin is defined as RD signal output mode (<P30F>
= 1), in the TMP93CS40
or the TMP93CS41 is used, clearing the output latch register <P30> to 0 outputs the RD
strobe (used for the pseudo-static RAM) from the P30 pin even when the internal address
area is accessed.
If the output latch register <P30> remains 1, the RD strobe signal is output only when
the external address area is accessed.
In the TMP93CS41, which needs external ROMs, P30 outputs the RD signal and P31
outputs the WR signal, regardless of the values set in function registers P30F and P31F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com