Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-28
(3) Operation
1. RUN mode
In the RUN mode, the system clock in the MCU continues to operate even after a
HALT instruction is executed. Only the CPU stops executing further instructions.
In the halt state, an interrupt request is accepted on the falling edge of the CLK
signal.
Release of the RUN mode is executed by the external or internal interrupts. (See
Table 3.3.6 “Halt Release Sources and Halt Release Operations”.)
Figure 3.3.6 shows the timing for releasing the halt state by interrupts in the RUN
or IDLE2 modes.
Figure 3.3.6 Timing Chart for Releasing the Halt State by Interrupt in RUN/IDLE2 Modes
2. IDLE2 mode
In the IDLE2 mode, the system clock signal is supplied only to specific internal I/O
devices, and the CPU stops executing the current instruction. In the IDLE2 mode, the
halt state is released by an interrupt with the same timing as in the RUN mode. The
IDLE2 mode is released by external or internal interrupts, except for INTWDT and
INTAD interrupts. (See Table 3.3.6 “Halt Release Sources and Halt Release
Operations”.)
In the IDLE2 mode, the watchdog timer should be disabled before entering the halt
status, to prevent the watchdog timer interrupt from occurring just after release of the
HALT mode.
Address
+ 2
Address
Address
Data
Address
Address
Data
X1
CLK
A0 to A23
ALE
AD0 to AD15
RD
WR
NMI
INT0
(
Level)
INT4 to INT7
(Rising edge)
INT4, INT6
(Falling edge)
Internal INT
RUN or IDLE2
modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com