Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-57
Figure 3.5.1 shows an example of an interface circuit using some of the pins described in
Table 3.5.4, in a case when the bus releasing function is used.
When the bus is released, neither internal memory nor internal I/O can be accessed. However,
the internal I/O continues to operate, so the watchdog timer (WDT) also continues to run.
Therefore, be careful about bus releasing time and setting of the detection time of the WDT.
Figure 3.5.1 Example of an Interface Circuit using the Bus Releasing Function
A circuit like the one shown above is needed to fix the signal level in the case when the bus is
released.
Resetting sets P30 ( RD ) and P31 ( WR ) to output; P40 ( CS0 ), P41 ( CS1 ), P32 ( HWR ), P36
(
W
R/ ), P37 ( RAS ), and P35 ( BUSAK ) all to input with pull-up resistor; as well as P42 ( CS2 )
and P20 to P27 (A16 to A23) to input with pull-down resistor.
A circuit like the one above is also needed to fix the signal level after resetting, because of the
possibility of conflict between the external pull-up resistor and the internal pull-down resistor.
The resistance of the external pull-up resistor must be 3 to 5 k
Ω, and the resistance of the
internal pull-down resistor is about 50 to 150 k
Ω.
Using a pull-down resistor is recommended for P20 to P27 (A16 to A23); however, if this is not
possible, a switching circuit like the one used for P42 ( CS2 ) may be used.
P20 (A16)
to
P27 (A23)
P30 ( RD )
P31 ( WR )
P32 ( HWR )
P36 (
W
R/
)
P37 ( RAS )
P40 ( CS0 )
P41 ( CS1 )
P35 ( BUSAK )
3 to 5 k
Ω
System control bus
Address bus (A23 to A16)
P42 ( CS2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com