Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-74
Port 7 Register
7
6
5
4
3
2
1
0
P7
Bit symbol
P73
P72
P71
P70
(0013H)
Read/Write
R/W
After reset
1
1
1
1
Function
Input mode (Pull up)
Port 7 Control Register
7
6
5
4
3
2
1
0
P7CR
Bit symbol
P73C
P72C
P71C
P70C
(0015H)
Read/Write
W
After reset
0
0
0
0
Function
0: Input
1: Output
Port 7 Function Register
7
6
5
4
3
2
1
0
P7FC
Bit symbol
P73F
P72F
P71F
(0017H)
Read/Write
W
After reset
0
0
0
Function
0: Port
1: TO3
0: Port
1: TO2
0: Port
1: TO1
Figure 3.5.17 Registers for Port 7
Port 7 I/O setting
0
Input
1
Output
P7FC<P71F>
1
P7CR<P71C>
1
P7FC<P72F>
1
P7CR<P72C>
1
Setting P71 as TO1
Setting P72 as TO2
P7FC<P73F>
1
P7CR<P73C>
1
Setting P73 as TO3
Note 1: Read-modify-write is prohibited for registers P7CR and P7FC.
Note 2: When port P7 is used in the input mode, the P7 register
controls the built-in pull-up resistor. Read-modify-write is
prohibited in the input mode or the I/O mode, as it may affect
the states of the pull-up/pull-down resistors.
Note 3: The P70/T10 pin does not have a register changing it from port
to function. For example, when it is used as an input port, the
incoming signal is input to 8-bit timer 0 as a timer input 0 (T10).
Note 4: P7<bit7:4> are always read as “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com