Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-19
(1) Switching from NORMAL to SLOW mode
When the resonator is connected to the X1 and X2, or to the XT1 and XT2 pins, the
warm-up timer is used to change the operation frequency after stable oscillation is
attained.
The warm-up time can be selected by WDMOD<WARM>.
This starting and stopping of the warm-up timer are performed by programming as
in the following examples 1 and 2.
Note 1: The warm-up timer is also used as a watchdog timer. So when it is to be used as
a warm-up timer, the watchdog timer function must be disabled.
Note 2: In the case of using an oscillator (not resonator) with stable oscillation, a warm-up
timer is not needed.
Note 3: The warm-up timer is operated by an oscillation clock. Therefore there is an error
in, warm-up time.
Table 3.3.2 Warm-up Time
Warm-up time
WDMOD<WARM>
Change to NORMAL
(fc)
Change to SLOW
(fs)
0 (214/frequency)
0.8192 ms
500 ms
1 (2
16/frequency)
3.2768 ms
2000 ms
at fc
= 20 MHz,
fs
= 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com