Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-30
4. STOP mode
The STOP mode is selected to stop all internal circuits including the internal
oscillator.
The pin status in the STOP mode depends on the setting of a bit in the watchdog
timer mode register WDMOD<DRVE>. (See Table 3.3.8 for setting of
WDMOD<DRVE>.) Table 3.3.8 summarizes the state of these pins in the STOP mode.
The STOP mode is released by external interrupts (NMI, INT0). When the STOP
mode is released, the system clock output starts after the warm-up time required to
attain stable oscillation.
The warm-up time can be set using WDMOD<WARM>. See the example of warm-up
time setting (Table 3.3.7).
In a system which supplies a stable clock signal generated by an external oscillator,
the warm-up time can be reduced by using the setting of T45CR<QCU>.
Figure 3.3.8 illustrates the timing for releasing the halt state by interrupts during
the STOP mode.
Figure 3.3.8 Timing Chart of Halt State Release by Interrupts in STOP Mode
Table 3.3.7 Example of Warm-up Time after Releasing the STOP Mode
Warm-up Time [ms]
Clock Operation
Frequency after the
STOP Mode is
Released
WDMOD<WARM>
= 0WDMOD<WARM> = 1
Clock
Frequency
fc
0.8192
3.2768
fc/2
1.6384
6.5536
fc/4
3.2768
13.1072
fc/8
6.5536
26.2144
fc/16
13.1072
52.4288
fc
= 20 MHz
fs
500
2000
fs
= 32.768 kHz
Address
Address
+ 2
Address
Data
Address
Data
X1
CLK
A0 to A23
ALE
AD0 to AD15
INT0
(Level)
INT0
(Rising edge)
STOP
mode
Warm-up
time
RD
WR
NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com