Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-53
3.5
Functions of Ports
The TMP93CS40 has 79 bits for I/O ports. The TMP93CS41 has 61 bits for I/O ports because
port 0, port 1, P30, and P31 are dedicated pins for AD0 to AD7, AD8 to AD15 or A8 to A15, RD ,
and WR .
These port pins have I/O functions for the built-in CPU and internal I/Os as well as
general-purpose I/O port functions. Table 3.5.1 lists the function of each port pin. Table 3.5.2
lists I/O registers and their specifications.
Table 3.5.1 Functions of Ports
Port No.
Pin No.
Number
of Pins
Direction
R
Direction
Setting Unit
Pin Name for Built-in Function
Port 0
P00 to P07
8
I/O
−
Bit
AD0 to AD7
Port 1
P10 to P17
8
I/O
−
Bit
AD8 to AD15/A8 to A15
Port 2
P20 to P27
8
I/O
↓
Bit
A0 to A7/A16 to A23
Port 3
P30
P31
P32
P33
P34
P35
P36
P37
1
1
1
1
1
1
1
1
Output
Output
I/O
I/O
I/O
I/O
I/O
I/O
−
−
↑
↑
↑
↑
↑
↑
(Fixed)
(Fixed)
Bit
Bit
Bit
Bit
Bit
Bit
RD
WR
HWR
WAIT
BUSRQ
BUSAK
W
R/
RAS
↑
↑
Port 4
P40
P41
P42
1
1
1
I/O
I/O
I/O
↓
Bit
Bit
Bit
CS0
/
0
CAS
CS1
/
1
CAS
CS2
/
2
CAS
Port 5
P50 to P57
8
Input
−
(Fixed)
AN0 to AN7
Port 6
P60 to P67
8
I/O
↑
Bit
PG00 to PG03, PG10 to PG13
Port 7
P70
P71
P72
P73
1
1
1
1
I/O
I/O
I/O
I/O
↑
↑
↑
↑
Bit
Bit
Bit
Bit
TI0
TO1
TO2
TO3
Port 8
P80
P81
P82
P83
P84
P85
P86
P87
1
1
1
1
1
1
1
1
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
↑
↑
↑
↑
↑
↑
↑
↑
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
TI4/INT4
TI5/INT5
TO4
TO5
TI6/INT6
TI7/INT7
TO6
INT0
Port 9
P90
P91
P92
P93
P94
P95
P96
P97
1
1
1
1
1
1
1
1
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
↑
↑
↑
↑
↑
↑
−
−
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
TXD0
RXD0
CTS0
/SCLK0
TXD1
RXD1
SCLK1
XT1
XT2
Port A
PA0 to PA6
PA7
7
1
I/O
I/O
−
−
Bit
Bit
SCOUT
R:
↑ = With programmable pull-up resistor
↓ = With programmable pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com