Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-22
(2) Clock gear controller
When the high-frequency clock fc is selected at SYSCR1<SYSCK>
= “0”, the clock
gear select register SYSCR1<GEAR2:0> sets fFPH to either fc, fc/2, fc/4, fc/8, or fc/16.
Switching fFPH with the clock gear reduces the power consumption.
Clock setting example 3:
Changing gear value of the high-frequency clock
SYSCR1
EQU
006FH
LD (SYSCR1), XXXX0000B
; Changes fSYS to fc/2.
X: Don’t care
(High-frequency clock gear changing)
To change the frequency of the clock gear, write the value to the SYSCR1<GEAR2:0>
register. It is necessary to continue the warm-up time until changing fFPH after writing
the register value.
There is a possibility that the instruction immediately following the
clock-gear-changing instruction will be executed by the clock gear before executing its
gear change. To ensure that the instruction immediately following the
clock-gear-changing instruction will only be executed by the clock gear after changing
its gear ratio, input a dummy instruction (An instruction to execute a write cycle) as
follows.
Example:
Instruction to be executed by the clock gear after changing its gear ratio.
SYSCR1
EQU
006FH
LD (SYSCR1), XXXX0001B
; Changes fSYS to fc/4.
LD (DUMMY), 00H
; Dummy instruction.
Instruction to be executed by the clock gear after changing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com