Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-17
7
6
5
4
3
2
1
0
SYSCR0
Bit symbol
XEN
XTEN
RXEN
RXTEN
RSYSCK
WUEF
PRCK1
PRCK0
(006EH)
Read/Write
R/W
After reset
1
0
1
0
0
0
0
0
Function
High-
frequency
oscillator (fc)
0: Stop
1: Oscillation
Low-
frequency
oscillator (fs)
0: Stop
1: Oscillation
High-
frequency
oscillator (fc)
after
released
STOP mode
0: Stop
1: Oscillation
Low-
frequency
oscillator
(fs) after
released
STOP mode
0: Stop
1: Oscillation
Select clock
after STOP
mode is
released
0: fc
1: fs
Warm-up
timer
(Write)
0:Don’t care
1: Start timer
(Read)
0: Warm up
complete
1: Continue
warm up
Select prescaler clock
00: fFPH
01: fs
10: fc/16
11: (Reserved)
SYSCR1
Bit symbol
SYSCK
GEAR2
GEAR1
GEAR0
(006FH)
Read/Write
R/W
After reset
0
1
0
0
Function
Select
system
clock
0: fc
1: fs
Select gear value of high frequency (fc)
000: fc
001: fc/2
010: fc/4
011: fc/8
100: fc/16
101: (Reserved)
110: (Reserved)
111: (Reserved)
WDMOD
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
(005CH)
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
WDT
control
1: Enable
WDT detection time
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
Warm-up
timer
0: 2
14/
frequency
input
1: 2
16/
frequency
input
Standby mode
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE mode
1: Connects
WDT
output to
reset pin
internally.
1: Drives pin
even in
STOP
mode
CKOCR
Bit symbol
SCOSE
SCOEN
ALEEN
CLKEN
(006DH)
Read/Write
R/W
After reset
0
0
0/1 (Note 2)
0/1 (Note 2)
Function
SCOUT
select
0: fFPH
1: fSYS
SCOUT
output
control
0: I/O port
1: SCOUT
output
ALE pin
output
control
0: HZ port
1: ALE
output
CLK pin
output
control
0: HZ port
1: CLK
output
Note 1:
SYSCR1<bit7:4> are always 1.
Note 2:
In the TMP93CS40, resetting sets the <ALEEN> and <CLKEN> bits to 0. In the TMP93CS41, resetting sets the
<ALEEN> and <CLKEN> bits to 1 (Output ALE and CLK). The CLK pin is internally pulled up during reset,
regardless of the product types.
Note 3:
Writing 0 to SYSCR1<SYSCK> enables the high-frequency oscillator regardless of the value of SYSCR0<XEN>.
Additionally, writing 1 to SYSCR1<SYSCK> enables the low-frequency oscillator regardless of the value of
SYSCR0<XTEN>.
Figure 3.3.3 I/O Register about Dual Clock, Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com