Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-78
3.5.10
Port 9 (P90 to P97)
•
Ports 90 to 95
Ports 90 to 95 constitute a 6-bit general-purpose I/O ports. I/Os can be set on a bit
basis.
Resetting sets P90 to P95 to an input port and connects a pull-up resistor.
It also sets all bits of the output latch register to 1.
In addition to functioning as a general-purpose I/O port, P90 to P95 can also function
as an I/O for serial channels 0 and 1. Writing “1” in the corresponding bit of the port 9
function register (P9FC) enables those functions.
Resetting resets the function register P9CR, P9FC value to “0” and sets all bits to
input ports.
•
Ports 96 to 97
Ports 96 to 97 form a 2-bit general-purpose I/O port. I/Os can be set on a bit basis.
The output buffer for P96 to P97 is an open-drain type buffer.
Resetting sets the output latch and control registers to “1” and outputs
high-impedance (High-Z).
In addition to functioning as a general-purpose I/O port, P96 to P97 can also function
as a low-frequency oscillator connecting pin for dual clock mode. The dual clock
function can be set by programming system clock control register SYSCR0 and 1.
(1) Ports 90, 93 (TXD0/TXD1)
Ports 90 and 93 also function as serial channel TXD output pins in addition to I/O
ports.
They have a programmable open-drain function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com