Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 89 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 89 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 93Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-87
3.6
Chip Select/Wait Controller, AM8/ AM16 pin
The TMP93CS40 and TMP93CS41 have a built-in chip select/wait controller used to control
chip select ( CS0 to CS2 pins), wait ( WAIT pin), and data bus size (8 or 16 bits) for any of the
three block address areas.
In addition, the AM8/ AM16 pin selects external data bus width.
3.6.1
AM8/ AM16 pin
(1) Usage in the TMP93CS40
Set this pin to “1”. After resetting, the CPU accesses the internal ROM with 16-bit
bus width. The bus width when the CPU accesses an external area is set by the chip
select/wait control register (described in section 3.6.3), P1CR and P1FC. (If this pin is
set to 1, that value will be ignored and the value set by register will be active.)
(2) Usage in the TMP93CS41
(2-1) When 16-bit bus width and 8-bit bus width are both used, or when 16-bit bus
width only is used:
Set this pin to “0”. Then the AD8 to AD15 or A8 to A15 pins of port 1 are fixed to
their A8 to A15 function compulsorily, and the values of P1CR and P1FC are
ignored.
The bus width when the CPU accesses an external area is set by the chip
select/wait control register described in section 3.6.2.
After a reset, 16-bit external program memory must be accessed before any
other memory is accessed.
(2-2) When 8-bit bus width only is used:
Set this pin to “1”. Then the AD8 to AD15 or A8 to A15 pins of port 1 are fixed to
their A8 to A15 function compulsorily, and the values of P1CR and P1FC are
ignored. The values of bit4 in <B0BUS>, <B1BUS>, or <B2BUS>, described in
section 3.6.3, are ignored and the bus width is fixed to 8 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com