Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-55
Table 3.5.3 I/O Registers and Specifications (2/2)
I/O Register
Port No.
Pin No.
Function
Pn
PnCR
PnFC
Input port (without PU)
0
0
0
Input port (with PU)
1
0
0
P70 to P73
Output port
×
1
0
TI0 input (without PU)
0
0
P70
TI0 input (with PU)
1
0
None
P71
TO1 output
×
1
1
P72
TO2 output
×
1
1
Port 7
P73
TO3 output
×
1
1
Input port (without PU)
0
0
0
Input port (with PU)
1
0
0
P80 to P87
Output port
×
1
0
TI4/INT4 input (without PU)
0
0
P80
TI4/INT4 input (with PU)
1
0
None
TI5/INT5 input (without PU)
0
0
P81
TI5/INT5 input (with PU)
1
0
None
TI6/INT6 input (without PU)
0
0
P84
TI6/INT6 input (with PU)
1
0
None
TI7/INT7 input (without PU)
0
0
P85
TI7/INT7 input (with PU)
1
0
None
P82
TO4 output
×
1
1
P83
TO5 output
×
1
1
P86
TO6 output
×
1
1
INT0 input (without PU)
0
0
Port 8
P87 (Note 5)
INT0 input (with PU)
1
0
None
Input port (without PU)
0
0
0
Input port (with PU)
1
0
0
P90 to P95
Output port
×
1
0
P90
TXD0 output
×
1
1
P93
TXD1 output
×
1
1
RXD0 input (without PU)
0
0
P91
RXD0 input (with PU)
1
0
None
RXD1 input (without PU)
0
0
P94
RXD1 input (with PU)
1
0
None
SCLK0 output
×
1
1
CTS0/SCLK0 input (without PU)
0
0
0
P92
CTS0/SCLK0 input (with PU)
1
0
0
SCLK1 output
×
1
1
SCLK1 input (without PU)
0
0
0
P95
SCLK1 input (with PU)
1
0
0
Input port
×
0
Output port (Note 6)
×
1
Port 9
P96 to P97
XT1/2 (Note 7)
×
0
None
Input port
×
0
PA0 to PA7
Output port
×
1
Port A
PA7
SCOUT output (Note 8)
×
1
None
×: Don’t care
Note 5: When the P87 pin is used as INT0, the IIMC register has to be set to enable interrupt.
Note 6: When using P96 to P97 as output ports, output goes through the open-drain buffer.
Note 7: When P96 to P97 are used as XT1 to XT2, the SYSCR0<XTEN> has to be set to “1”.
Note 8: When PA7 is used as SCOUT, the PACR and CKOCR must have the appropriate values written to them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com