Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-106
2. Generating a 50% duty, square-wave pulse
The timer flip-flop (TFF1) is inverted at constant intervals, and its status is output to
timer output pin (TO1).
Example:To output a 2.4
µs square wave pulse from the TO1 pin at fc = 20 MHz, set each
register by the following procedures. Either timer 0 or timer 1 may be used, but
this example uses timer 1.
* Clock condition
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock: fFPH
7
6
5
4
3
2
1
0
TRUN
← − X − − − − 0 −
Stop timer 1, and clear it to “0”.
TMOD
← 0 0 X X 0 1 − −
Set the 8-bit timer mode, and select
φT1 (0.4 µs at fc =
20 MHz) as the input clock cycle time.
TREG1
← 0 0 0 0 0 0 1 1
Set the timer register at 2.4
µs ÷ φT1 ÷ 2 = 3.
TFFCR
← − − − − 1 0 1 1
Clear TFF1 to “0”, and set to invert by the match detect
signal from timer 1.
P7CR
← X X X X − − 1 −
P7FC
← X X X X − − 1X
Select P71 as TO1 pin.
TRUN
← 1 X − − − − 1 −
Start timer 1 counting.
X: Don’t care, −: No change
Figure 3.7.7 Square Wave (50% duty) Output Timing Chart
φ T1
TRUN
<T1RUN>
Bits 7 to 2
Bit1
Bit0
Comparator
timing
Comparator output
(Matching detect)
INTT1
Up
counter clear
TFF1
TO1
1.2
µs at fc = 20 MHz
Up
counter
0
1
2
3
0
1
2
3
0
1
2
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com