Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
24 of 47
Figure 47. Large Signal Transient Response at Various
Supplies, RF1 = 3.5 k������, CD = 10 pF, REXT = 200 ������,
CEXT = 180 pF
Figure 48. Small Signal Transient Response at Various
Supplies, RF1 = 3.5 k������, CD = 10 pF, REXT = 200 ������,
CEXT = 180 pF
Figure 49. Large Signal Transient Response at Various
Supplies, RF2 = 40.2 k������, CD = 10 pF, REXT = 200 ������,
CEXT = 180 pF
Figure 50. Small Signal Transient Response at Various
Supplies, RF2 = 40.2 k������, CD = 10 pF, REXT = 200 ������,
CEXT = 180 pF
Figure 51. Large Signal Transient Response at Various
Supplies, RF3 = 450 k������, CD = 10 pF, REXT = 200 ������,
CEXT = 180 pF
Figure 52. Small Signal Transient Response at Various
Supplies, RF3 = 450 k������, CD = 10 pF, REXT = 200 ������,
CEXT = 180 pF
+IN = 0V
RF1 = 3.5kΩ
INPUT STEP =
–285µA TO +285µA
INPUT STEP =
0µA TO +540µA
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.5V, AVSS = –2.5V
AVDD = +2.9V, AVSS = –0.1V
AVDD = +4.9V, AVSS = –0.1V
TIME (1µs/DIV)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
+IN = 0V
RF1 = 3.5kΩ
INPUT STEP =
–28.5µA TO +28.5µA
INPUT STEP =
0µA TO +62.8µA
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.5V, AVSS = –2.5V
AVDD = +2.9V, AVSS = –0.1V
AVDD = +4.9V, AVSS = –0.1V
TIME (1µs/DIV)
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
+IN = 0V
RF2 = 40.2kΩ
INPUT STEP =
–24.8µA TO +24.8µA
INPUT STEP =
0µA TO +45.5µA
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.5V, AVSS = –2.5V
AVDD = +2.9V, AVSS = –0.1V
AVDD = +4.9V, AVSS = –0.1V
TIME (1µs/DIV)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
+IN = 0V
RF2 = 40.2kΩ
INPUT STEP =
–2.74µA TO +2.74µA
INPUT STEP =
0µA TO +5.22µA
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.5V, AVSS = –2.5V
AVDD = +2.9V, AVSS = –0.1V
AVDD = +4.9V, AVSS = –0.1V
TIME (1µs/DIV)
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
+IN = 0V
RF3 = 450kΩ
INPUT STEP =
–2.45µA TO +2.45µA
INPUT STEP =
0µA TO +4.27µA
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.5V, AVSS = –2.5V
AVDD = +2.9V, AVSS = –0.1V
AVDD = +4.9V, AVSS = –0.1V
TIME (2µs/DIV)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
+IN = 0V
RF3 = 450kΩ
INPUT STEP =
–244nA TO +244nA
INPUT STEP =
0nA TO +511nA
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.5V, AVSS = –2.5V
AVDD = +2.9V, AVSS = –0.1V
AVDD = +4.9V, AVSS = –0.1V
TIME (2µs/DIV)
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com