Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
28 of 47
THEORY OF OPERATION
OVERVIEW
The ADA4352-2 is a small, dual-channel programmable gain transimpedance amplifier (PGTIA) offering four
selectable integrated feedback gain resistor selections for each of the two channels. The ADA4352-2 features a core
amplifier with low offset and offset drift, low gain drift, low noise, and low input bias current. A simple gain
calibration removes the DC error contributed by the tolerance of the integrated feedback resistors. Gain selection is
done via proprietary switches that outperform typical CMOS switches of similar size and on-resistance. The
switches are arranged in a Kelvin configuration that removes the added switch on-resistance and its nonlinear
behavior from the signal path. Each channel’s four feedback paths are internally compensated, which eliminates
the need for external compensation capacitors. Additionally, the ADA4352-2 is capable of directly driving an ADC,
eliminating the need for a separate ADC driver, and thus reducing the PCB footprint of the overall signal chain.
The analog circuitry can operate on either a single supply (+2.7 V to +5.5 V) or dual supplies (±1.35 V to ±2.75 V). The
digital inputs (switch control) operate on supplies between 1.62 V and 5.5 V to interface directly with standard logic
levels (1.8 V, 3.3 V, or 5 V) based on the voltage applied to the digital supply (DVSS and DVDD) pins. The voltage
levels required for a logic low (VIL) or high (VIH) value are relative to the corresponding digital rail (DVSS and DVDD)
(see Table 1 and Table 2 for more information).
The switches for channel A and channel B of the ADA4352-2 are controlled by the digital input pins, SW SEL0 A, SW
SEL1 A, SW SEL0 B, and SW SEL1 B, respectively. The digital supplies included in the ADA4352-2 provide additional
flexibility to control the switch logic independently from the analog supply range. The four internal switch
selections are make-before-break to maintain a closed feedback loop during switching to reduce output overdrive
glitches that occur otherwise. The SWSEL pins have internal pull-down resistors to DVSS, so the ADA4352-2 defaults
to its lowest gain configuration (315 Ω) if the gain select pins are left floating.
To simplify terminology, because the two amplifiers inside the ADA4352-2 are interchangeable, RF0, RF1 RF2, RF3, SW
SEL0, SW SEL1, +IN, and −IN refer to channel A or channel B. OUT refers to OUT A or OUT B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com