Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
12 of 47
(TA = 25°C, AVDD = 1.5 V, AVSS = −1.5 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, +IN = 0V, unless
otherwise noted. These default AVDD, AVSS, and +IN conditions are equivalent to a symmetrical supply
configuration with +IN biased to 0 V.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
TEST
LEVELS
Short-Circuit
Current
ISC
V+IN = AVDD/2, I-IN
= 0 mA
VOUT shorted
to AVDD
and AVSS
57/40
mA
CB
DYNAMIC PERFORMANCE
Gain
Bandwidth
Product
GBP
8.5
MHz
CB
Slew Rate
SR
10% to 90%,
rising and
falling, I−IN from
0 mA to IINMAX−,
no load
RF0= 315 Ω
8.2
V/μs
CB
RF1= 3.5 kΩ
6.9
V/μs
CB
RF2= 40.2 kΩ
2
V/μs
CB
RF3= 450 kΩ
0.4
V/μs
CB
Total
Harmonic
Distortion
THD
f = 1 kHz, VOUT =
0.9 VRMS, no load
RF0= 315 Ω
−114
dBc
CB
f = 1 kHz, VOUT = 1
VRMS, no load
RF1= 3.5 kΩ
−118
dBc
CB
RF2= 40.2 kΩ
−118
dBc
CB
RF3= 450 kΩ
−118
dBc
CB
Settling Time
to 0.1% of
Output Step
Voltage
ts
CD= 10 pF, REXT=
200 Ω, CEXT= 180
pF, V+IN= AVSS +
0.1 V, I−IN from 0
μA to IINMAX
RF0= 315 Ω
1
μs
S
RF1= 3.5 kΩ
2
μs
S
RF2= 40.2 kΩ
5
μs
S
RF3= 450 kΩ
10
μs
S
ANALOG POWER SUPPLIES
Operating
Range VS =
(AVDD − AVSS)
VS
2.7
5.5
V
P
AVSS Range
Below DVSS
VSSR
2.5
0
V
S
Power Supply
Rejection
Ratio
PSRR
TA = +25°C, VS =
2.7 V to 5.5 V
All Ranges
81
90
dB
P
TA = −40°C to
+125°C, VS = 2.7
V to 5.5 V
All Ranges
75
dB
CT
Analog Supply
Current per
Amplifier
IQA
TA = +25°C,
VS = 3.0 V
All Ranges
3.0
3.25
mA
P
TA = −40°C to
+125°C,
VS = 3.0 V
All Ranges
4.1
mA
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com