Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
31 of 47
For RF3 = 450 kΩ, the output-referred offset at 25°C is 150 µV, while the same circuit for RF0 = 315 Ω (lowest selectable
RFX value) has 130 µV of output-referred offset. In both cases, the output-referred offset is less than three ADC
codes. The 1.1 µV/°C (−40°C to +125°C) maximum offset temperature drift leads to a 181 µV shift or a worst case of
three additional codes.
The input bias current from the noninverting input (maximum 1 nA) has negligible impact on the TIA circuit
accuracy if it adds less than 10 µV (much less than one ADC code) of output-referred offset voltage error. This
occurs when the sensor output impedance (RSH) is less than 10 µV/1 nA = 10 kΩ.
If the ADA4352-2 is used in applications measuring a high impedance voltage sensor, the input bias current results
in a voltage error at the noninverting input. This error is equal to the sensor output impedance times the bias
current (see Figure 70). This voltage error is gained up by (1 + RFx/gain resistor (RG)).
Figure 70. High Impedance Voltage Measurement Using the ADA4352-2
Kelvin Connection and TIA Accuracy
A typical PGTIA places the switches in series with the feedback resistors (see Figure 71). Therefore, the switch on-
resistance is part of the transimpedance gain. To minimize the error, it is recommended to use gain setting
switches with the lowest possible on-resistance. Unfortunately, low impedance switches have large leakage at high
operating temperatures. They add leakage current to the sensitive signal path (see Switch Off Leakage Current). The
improved Kelvin approach used in the ADA4352-2 (see Figure 72) places half of the switches inside the loop to
provide a Kelvin connection. The on-resistance of the left side switch becomes a part of the open-loop output
impedance and is corrected by the loop gain of the amplifier (shown in Figure 72). As most PGTIA applications do
not need to drive DC current to their load, the on-resistance of the right-side switch does not create additional
error. The low on-resistance switches in ADA4352-2 are also designed for low leakage to minimize the error. For
traditional PGTIAs, the RON of the switches changes over temperature and causes gain error drift over temperature.
This error is more obvious for the smallest gain (315 Ω range). The ADA4352-2 Kelvin connection approach greatly
reduces this error.
ADA4352-2
GAIN RESISTOR NETWORK
KELVIN
SWITCH
NETWORK
OUT
½
RG
RSH
HIGH
IMPEDANCE
SENSOR
RF2 = 40.2kΩ
RF3 = 450kΩ
RF0 = 315Ω
RF1 = 3.5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com