Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
34 of 47
shunt supply clamps to protect its two supply domains, AVDD/AVSS and DVDD/DVSS. The ADA4352-2 has a pair of
back-to-back diodes to protect the inputs during ESD strikes.
Figure 74. Simplified Internal ESD Schematic Diagram
MAIN AMPLIFIER (CMOS)
Rail-to-Rail Output Stage
The maximum detectable signal in the PGTIA is limited by the input and output operating range of the amplifier. To
maintain the best accuracy, the common-mode voltage VCM at the noninverting input must be biased at least 0.1 V
above the negative supply.
The negative supply (AVSS) must be less than ground (0 V) for PGTIA applications that require the output to swing
all the way to ground. This configuration is possible for the ADA4352-2, because the digital supplies (DVDD and
DVSS) and analog supplies (AVDD and AVSS) are independent.
The ADA4352-2 is designed with a rail-to-rail output stage and can operate to within 100 mV from the power
supplies with AVOL> 110 dB, which provides flexibility for the system and eases design constraints.
Bottom Rail Input Stage
The VCM is constrained by the input common-mode range of the main amplifier. In a single-supply configuration, VCM
also sets the minimum output voltage value in a TIA design. Therefore, the dynamic range is constrained between
VCM and the maximum ADC input voltage. The ADA4352-2 is designed with a PMOS input differential pair to allow
the analog inputs to swing to AVSS, where AVSS can be set to as much as 0.5 V less than DVSS. It is less common in
TIA designs for the input common-mode voltage across the inputs to approach the positive supply. The ADA4352-2
input stage requires 1.5 V headroom to the positive supply.
Low Noise Operation
In a transimpedance amplifier, having low op-amp input voltage noise is particularly crucial. At low frequency, the
noise gain is near 1 V/V. However, at higher frequencies, the noise gain increases from unity due to source
capacitance. Additionally, more noise is integrated (per decade) at higher frequencies, which contributes to the
total output integrated noise. While there is usually a design trade-off between noise and power consumption, the
ADA4352-2 contributes 7.3 nV/√Hz of wideband noise while requiring only 3.3 mA per channel.
–IN
OUT
AVDD
AVSS
DVDD
DVSS
½ ADA4352-2
SW SEL0 A
GAIN NETWORK
SUPPLY
CLAMP
SUPPLY
CLAMP
SUPPLY
CLAMP
+IN
SW SEL1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com