Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
8 of 47
(TA = +25°C, AVDD = 2.5 V, AVSS = −2.5 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, +IN = 0 V, unless
otherwise noted. These default AVDD, AVSS, and +IN conditions are equivalent to a single supply configuration
with +IN biased to mid supplies.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
TEST
LEVELS
Power
Supply
Rejection
Ratio
PSRR
TA = +25°C, VS =
2.7 V to 5.5 V
All Ranges
81
90
dB
P
TA = −40°C to
+125°C, VS =
2.7 V to 5.5 V
All Ranges
75
dB
CT
Analog
Supply
Current per
Amplifier
IQA
TA = +25°C, VS =
5.0 V
All Ranges
3.3
3.5
mA
P
TA = −40°C to
+125°C, VS =
5.0 V
All Ranges
4.35
mA
CT
DIGITAL THRESHOLD VOLTAGES
Input High
Voltage
VIH
DVDD −
0.7
V
S
Input Low
Voltage
VIL
DVSS
+ 0.5
V
S
Range SEL
Pull-Down
Resistance
RPD
885
CB
DIGITAL POWER SUPPLIES
Operating
Range (DVDD
- DVSS)
VSD
1.62
5.5
V
P
Digital
Quiescent
Current
IQD
TA = +25°C
1
μA
P
TA = −40°C to
+125°C
10
μA
CT
ANALOG SWITCHES
Switch On-
Resistance
RON
TA = +25°C
11
13
P
TA = −40°C to
+125°C
19
CT
Switch On-
Resistance
Drift
ΔRON/ΔT
TA = −40°C to
+125°C
0.3
%/°C
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com