Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
11 of 47
(TA = 25°C, AVDD = 1.5 V, AVSS = −1.5 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, +IN = 0V, unless
otherwise noted. These default AVDD, AVSS, and +IN conditions are equivalent to a symmetrical supply
configuration with +IN biased to 0 V.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
TEST
LEVELS
INPUT CHARACTERISTICS
Input Bias
Current
(
Noninverting)
IB+
TA = +25°C
±0.12
±1
nA
P
Input
Common-
Mode Voltage
Range
VCMR
−40°C < TA <
+125°C
Guaranteed
by CMRR
AVSS +
0.1
AVDD
−
1.5
V
CB
Linear Range
of Current
Pulled from
Inverting
Input
IINLIN−
V+IN = AVSS + 0.1
V
RF0= 315 Ω
0.1 to
7.5
mA
CT
RF1= 3.5 kΩ
10 to
750
µA
CT
RF2= 40.2 kΩ
1 to 65
µA
CT
RF3= 450 kΩ
0.1 to 6
µA
CT
Linear Range
of Current
Pushed into
Inverting
Input
IINLIN+
V+IN = AVDD − 1.5
V
RF0= 315 Ω
0.1 to
3.5
mA
CT
RF1= 3.5 kΩ
10 to
350
µA
CT
RF2= 40.2 kΩ
1 to 30
µA
CT
RF3= 450 kΩ
0.1 to 3
µA
CT
Common-
Mode
Rejection
Ratio
CMRR
VCM = −1.4 V to 0
V, TA = −40°C to
+125°C
All Ranges
73
87
dB
CT
Common-
Mode Input
Impedance
ZCM
(+IN)
3.75/2.8
GΩ/pF
CB
(−IN)
3.75/3.5
GΩ/pF
CB
Differential
Mode Input
Capacitance
CINDM
Differential
mode
2
pF
CB
OUTPUT CHARACTERISTICS
Output Swing
High (AVDD −
VOUT)
VOH
V+IN = AVSS + 0.1
V, I−IN= IINMAX−
RF0= 315 Ω
600
mV
P
RF1= 3.5 kΩ
150
mV
P
RF2= 40.2 kΩ
100
mV
P
RF3= 450k Ω
100
mV
P
Output Swing
Low (VOUT −
AVSS)
VOL
V+IN = AVDD − 1.5
V, I−IN= IINMAX+
RF0= 315 Ω
600
mV
P
RF1= 3.5 kΩ
150
mV
P
RF2= 40.2 kΩ
100
mV
P
RF3= 450 kΩ
100
mV
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com