Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
33 of 47
Additional voltage headroom is required due to IR drop through the switch resistance. A conservative estimate of
the maximum available linear output voltage swing considering these headroom requirements is given by the
following equation:
������������,������������������ =
������������������������ − ������������������
1 +
������������������
������������������
where:
VHR is the output stage headroom.
RON is the resistance of the switch inside the loop.
RFX is the gain resistor in the selected loop.
Consequently, the PGTIA maximum linear input current can be calculated by the following equation:
������������������,������������������ =
������������,������������������
������������������
For instance, if VHR = 0.1 V, and RON = 19 Ω over process corners, the resulting maximum linear output voltage VO,MAX
from the above equation is 4.62 V for RF0= 315 Ω and 4.9 V for RF3= 450 kΩ. The maximum linear input current that
can be pulled from the amplifier in this case is 14.7 mA for RF0= 315 Ω and 10.9 µA for RF3= 450 kΩ. Table 8 shows
maximum linear currents and voltages for various gain settings and supply conditions. Note that the value of the
gain resistors can vary by ±11%, which is considered in the Table 8 values.
The previous example assumed no resistive load, and thus, no IR drop across the switch on the right side in Figure
73. If the PGTIA needs to drive a resistive load, there is an IR drop through the right-side switch outside the loop.
Careful consideration of these effects is essential to achieve the highest signal path accuracy with maximum
available output swing.
The ADA4352-2 also can be used in the applications with photodiodes pushing current into the PGTIA summing
node at the inverting input (−IN). The ADA4352-2 input requires 1.5 V headroom from the positive supply to
maintain specified linearity. Therefore, linear output voltage swing and linear input current are lower for this
configuration (see Table 8).
Table 8. Maximum Linear Output Currents and Voltages
RF0 = 315 Ω
RF1 = 3.5 kΩ
RF2 = 40.2 kΩ
RF3 = 450 kΩ
VS = 5 V VS = 3 V VS = 5 V VS = 3 V VS = 5 V
VS = 3 V
VS = 5 V VS = 3 V
Sensor pulls
current out
VO,MAX (V)
4.65
2.65
4.88
2.88
4.90
2.90
4.90
2.90
IPULL (mA)
13.41
7.64
1.27
0.75
0.11
0.065
0.01
0.006
Sensor
pushes
current in
VO,MAX (V)
3.22
1.28
3.38
1.39
3.40
1.40
3.40
1.40
IPUSH (mA)
9.30
3.69
0.88
0.36
0.077
0.031
0.07
0.003
ESD Protection
The ADA4352-2 is fabricated on a low-voltage CMOS process. To protect the device from electrostatic discharge
(ESD), all pins have reverse-biased ESD protection diodes, as shown in Figure 74. The ADA4352-2 also has several



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com