Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
30 of 47
For RSH >> RFX, noise gain reduces to 1.
Because the offset is a voltage error, it impacts the usable and accurate codes of the ADC for all TIA gains in a
similar way. The ADA4352-2 uses proprietary in-package offset and offset-drift trim to minimize this error.
Input Bias Current
In a PGTIA, the noninverting input bias current (IB+) adds to the total output DC error when the +IN source resistance
(RIN+) is large. For example, 1 nA of input bias current at the noninverting input adds 1 mV of offset for 1 MΩ of
source resistance. Similarly, input bias current at the inverting input (IB-) is only significant at the highest gain
setting, as it is multiplied by the gain resistance. These input bias currents increase exponentially with junction
temperature (TJ). Typically, for an amplifier with CMOS input devices, the input bias current is dominated by
leakage through the electrostatic discharge (ESD) protection diodes. The ADA4352-2 is designed with proprietary
architecture to reduce the reverse-biased leakage of these ESD protection diodes on the all sensitive pins.
Switch Off Leakage Current
Only one of the gain-setting integrated switches can be on at any time. Leakage currents from each of the other
three open switches (IOFF) and the inverting input bias current (IB-) sum back into the active channel (see Figure 69).
Both IOFF and IB− increase exponentially with temperature. For a CMOS switch, there is a trade-off between on-
resistance (RON) and IOFF. Another important aspect of CMOS switches is that IOFF increases when operating the
switch near the supply rail. Not only does ADA4352-2 have low IOFF switches, but also the low leakage performance
extends to 0.1 V from the rail, resulting in a wider usable range for the TIA circuit.
Figure 69. Leakage Current Contributions to Output Voltage Error in the ADA4352-2
Output-Referred Offset Voltage
The output-referred offset voltage is the sum of errors due to the input bias current of the inverting input (IB-),
switch off leakage current (IOFF), and input offset voltage. The ADA4352-2 achieves a maximum of 130 µV output
offset voltage at 25°C with the lowest selectable gain and 1.1 µV/°C drift from −40°C to +125°C at a 5 V supply.
For example, a 16-bit ADC with a 4.5 V reference has a 68.7 µV step size.
������������������ ������������������������ ������������������������ (������������������) =
������������������������
2������
where, N is the ADC resolution.
ADA4352-2
GAIN RESISTOR NETWORK
OUT
RF2 = 40.2kΩ
IOFF3
IOFF2
IOFF1
IB
IIN
RF3 = 450kΩ
VOUT = (IIN + IB + IOFF1 + IOFF2 + IOFF3) × RF0
RF0 = 315Ω
RF1 = 3.5kΩ
½



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com