Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4352-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Data Sheet
ADA4352-2
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier
(PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
SIMPLIFIED APPLICATION DIAGRAM
Figure 2. Compact Optical Measurement Signal Chain (One Channel Shown)
ADA4352-2
GAIN RESISTOR NETWORK
KELVIN
SWITCH
NETWORK
LEVEL
TRANSLATOR
OUT REXT
CEXT
DVDD
DVSS
SW SEL0
SW SEL1
7pF
40.2kΩ
2.5pF
450kΩ
33pF
315Ω
26.5pF
3.5kΩ
AVDD
AVDD
–IN
+IN
AVDD
AD4695/AD4696
16-BIT
0.5/1MSPS
MICROCONTROLLER
DIGITAL
I/O
VDD
GND
AVSS
ADC
–VB
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com