Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
40 of 47
Figure 81.
Simulated PGTIA Frequency Response for Various Values of CD, RF2 = 40.2 kΩ
As the selected gain moves up to the next RF2 = 40.2 kΩ, CF2 = 7 pF setting, the response curves become even more
bandlimited, but F−3dB still increases as CD increases. Again, the output is changing from an overcompensated 2-real
pole response to a higher Q flat response, as CD increases from 5 pF to 25 pF, and then 45 pF. These response curves
are all clustered around 700 kHz F−3dB for this gain setting, as shown in Figure 81.
Figure 82.
Simulated PGTIA Frequency Response for Various Values of CD, RF3 = 450 kΩ
The highest RF3 = 450 kΩ, CF3 = 2.5 pF gain setting gives the most bandlimited response. Again, as the CD increases
from 5 pF to 25 pF and finally to 45 pF, the frequency response is moving from two real poles to a response with a
higher Q and extended bandwidth. These are all clustered around a 170 kHz F−3dB, as shown in Figure 82.
Increasing CD beyond 45 pF continues to make the frequency response poles more complex, with possibly
significant peaking. Carefully consider these effects if a higher CD is needed using the available simulation model.
10k
83
84
85
86
87
88
89
90
91
92
93
100k
FREQUENCY (Hz)
1M
10M
CD = 5pF
CD = 25pF
CD = 45pF
FREQUENCY (Hz)
10k
94
96
98
100
102
104
106
108
CD = 5pF
CD = 25pF
CD = 45pF
110
112
114
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com