Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
37 of 47
RC Tolerancing and Effect of External RC Filter
This external RC filter also adds more control to the step response for the most peaked 315 Ω gain condition. The
following step responses assume an REXT = 200 Ω, CEXT = 180 pF, as used previously, a 0.5 V bias at +IN, CDof 10 pF,
and the part configured in the 315 Ω gain setting. The 1 V output step response in Figure 76 shows how the external
RC filter smooths the PGTIA ringing response.
Figure 76. Simulated (Left) and Measured (Right) 1 V Output Step at the Nominal 315 Ω Gain Setting at both VOUT and after the
External RC Filter
The three groups of curves in Figure 77 show the effects of extremes of component tolerance on step response.
Here, the minimum RF0 and CF0 values are used together, then the nominal values, and then the maximum RF0 and
CF0 values. All curves in Figure 77 were produced with the same input current, which would result in a 1 V output
step using a nominal RF0 = 315 Ω gain setting. The two extremes settle to a lower and higher final value, but all show
the same settling behavior after the external RC filter.
Figure 77. Simulated 1 V Output Step with Internal RC Tolerancing Extremes at the Nominal 315 Ω Gain Setting, with and
without External RC Filter
TIME (µs)
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
REXT = 200Ω
CEXT = 180pF
UNFILTERED
FILTERED
0.25
0.50
0.75
1.00
1.25
1.50
1.75
UNFILTERED
FILTERED
TIME (µs)
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0.25
0.50
0.75
1.00
1.25
1.50
1.75
REXT = 200Ω
CEXT = 180pF
REXT = 200Ω
CEXT = 180pF
MINIMUM
MINIMUM FILTERED
NOMINAL
NOMINAL FILTERED
MAXIMUM
MAXIMUM FILTERED
TIME (µs)
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0.25
0.50
0.75
1.00
1.25
1.50
1.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com