Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
32 of 47
Figure 71. Typical Gain Transimpedance Amplifier with Error due to RON
Figure 72. Switched Gain Transimpedance Amplifier with Kelvin Switching
Maximum Linear Input Current Range
Most photodiode PGTIA applications operate in a single supply configuration (see Figure 73). Even though ADA4352-
2 input pins can swing all the way to ground, the output stage requires at least 0.1 V from either of the supplies to
maintain specified linearity.
Figure 73. Maximum Linear Output Voltage
RF2
iin
IIN
RF3
VOUT = IIN × (RF0 + RON)
RF0
RF1
ADA4352-2
GAIN RESISTOR NETWORK
KELVIN
SWITCH
NETWORK
OUT
½
RF2 = 40.2kΩ
RF3 = 450kΩ
RF0 = 315Ω
RF1 = 3.5kΩ
IIN
SWITCH
RON
SWITCH
RON
1NO CURRENT THROUGH RIGHT SIDE SWITCH
1
ADA4352-2
GAIN RESISTOR NETWORK
KELVIN
SWITCH
NETWORK
OUT
–VB
IIN
VCM
½
PD
5V
VOUT = VCM + IIN × RF0
RF2 = 40.2kΩ
RF3 = 450kΩ
RF0 = 315Ω
RF1 = 3.5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com